Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 25 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 21Page - Texas Instruments AFEX82H1 Datasheet HTML 22Page - Texas Instruments AFEX82H1 Datasheet HTML 23Page - Texas Instruments AFEX82H1 Datasheet HTML 24Page - Texas Instruments AFEX82H1 Datasheet HTML 25Page - Texas Instruments AFEX82H1 Datasheet HTML 26Page - Texas Instruments AFEX82H1 Datasheet HTML 27Page - Texas Instruments AFEX82H1 Datasheet HTML 28Page - Texas Instruments AFEX82H1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 115 page
background image
6.3.1.3 DAC Transfer Function
The following equation describes the DAC transfer function, which is the relationship between internal signal
DAC_CODE and output voltage VOUT:
VOUT=DAC_CODE2N×FSR
(1)
where
• DAC_CODE is an internal signal and the decimal equivalent of the gain and offset calibrated binary code
loaded into the DAC_DATA register. DAC_CODE range = 0 to 2N – 1.
• N = DAC_CODE resolution in bits (16 for the AFE882H1 and 14 for the AFE782H1).
• FSR = VOUT full-scale range = 2.5 V.
6.3.1.4 DAC Gain and Offset Calibration
The AFEx82H1 provide DAC gain and offset calibration capability to correct for end-point errors present
in the system. Implement the gain and offset calibration using two registers, DAC_GAIN.GAIN and
DAC_OFFSET.OFFSET. Update DAC_DATA register after gain or offset codes are changed for the new values
to take effect. The DAC_GAIN can be programmed from 0.5 to 1.499985 using Equation 2.
DAC_GAIN=12+GAIN2N
(2)
where
• N = DAC_GAIN resolution in bits: 16 for the AFE882H1 and 14 for the AFE782H1.
• GAIN is the decimal value of the DAC_GAIN register setting.
• GAIN data are left justified; the last two LSBs in the DAC_GAIN register are ignored for the AFE782H1.
The example DAC_GAIN settings for the AFE882H1 are shown in Table 6-1.
Table 6-1. DAC_GAIN Setting vs GAIN Code
DAC_GAIN
GAIN (HEX)
0.5
0x0000
1.0
0x8000
1.499985
0xFFFF
The DAC_OFFSET is stored in the DAC_OFFSET register using 2's-complement encoding. The DAC_OFFSET
value can be programmed from –2(N–1) to 2(N–1) – 1 using Equation 3.
DAC_OFFSET=−OFFSETMSB×2N−1 +∑i=0N−2OFFSETi×2i
(3)
where
• N = DAC_OFFSET resolution in bits: 16 for the AFE882H1 and 14 for the AFE782H1.
• OFFSETMSB = MSB bit of the DAC_OFFSET register.
• OFFSETi = The rest of the bits of the DAC_OFFSET register.
• i = Position of the bit in the DAC_OFFSET register.
• OFFSET data are left justified; the last two LSBs in the DAC_OFFSET register are ignored for the device.
The most significant bit determines the sign of the number and is called the sign bit. The sign bit has the weight
of –2(N–1) as shown in Equation 3.
The example DAC_OFFSET settings for the AFE882H1 are shown in Table 6-2.
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com