Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 51 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 51 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 47Page - Texas Instruments AFEX82H1 Datasheet HTML 48Page - Texas Instruments AFEX82H1 Datasheet HTML 49Page - Texas Instruments AFEX82H1 Datasheet HTML 50Page - Texas Instruments AFEX82H1 Datasheet HTML 51Page - Texas Instruments AFEX82H1 Datasheet HTML 52Page - Texas Instruments AFEX82H1 Datasheet HTML 53Page - Texas Instruments AFEX82H1 Datasheet HTML 54Page - Texas Instruments AFEX82H1 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 115 page
background image
6.3.5.11 Memory Built-In Self-Test (MBIST)
Memory built-in self-test (MBIST) verifies the validity of the static random-access memory (SRAM) used for the
FIFO buffers. When initiated, the MBIST takes control of the SRAM module until completion.
Disable HART communication while the MBIST is running. Communication with the FIFO buffers
during the MBIST produces unreliable results. Two status bits, GEN_STATUS.MBIST_DONE and
GEN_STATUS.MBIST_FAIL, can be monitored for completion or failure, or used to create IRQ events.
Do not try to read back the GEN_STATUS register while the MBIST is running. The MBIST control logic
generates narrow pulses for the MBIST_DONE and MBIST_FAIL status flags. The status flags can be missed if
these pulses occur during the readback of the GEN_STATUS register. To avoid missing the MBIST_DONE flag,
mask all the status bits except GEN_STATUS_MASK.MBIST_DONE and then either:
1. monitor for an IRQ event, or
2. periodically send a NOP and check the GEN_IRQ status bit.
Wait until MBIST_DONE is reported, verify the status of the MBIST_FAIL flag, and then resume normal
operation.
6.3.6 Internal Reference
The AFEx82H1 family of devices includes a 1.25-V precision band-gap reference. The internal reference is
externally available at the VREFIO pin and sources up to 2.5 mA. For noise filtering, use a 100-nF capacitor
between the reference output and GND.
The internal reference circuit is enabled or disabled by using the REF_EN pin. A logic high on this pin enables
the internal reference, and the VREFIO pin outputs 1.25 V. A logic low on this pin disables the internal reference,
and the device expects to have 1.25 V from external VREF at the VREFIO pin.
An invalid reference voltage asserts an alarm condition. The DAC response depends on the VREF_FLT setting
in the ALARM_ACT register (10h).
6.3.7 Integrated Precision Oscillator
The internal time base of the device is provided by an internal oscillator that is trimmed to less than 0.5%
tolerance at room temperature. The precision oscillator is the timing source for ADC conversions. At power up,
the internal oscillator and ADC take roughly 300 µs to reach < 1% error stability. After the clock stabilizes, the
ADC data output is accurate to the electrical specifications provided in Section 5.
6.3.8 Precision Oscillator Diagnostics
The AFEx82H1 features two methods to continuously detect the functional status of the internal precision
oscillator.
The first method requires a connection from the AFEx82H1 to the system controller. To use the first method,
program the AFEx82H1 to output a subdivided internal oscillator clock signal on the CLK_OUT pin. Write to the
CONFIG.CLKO register field (see Table 7-5) to enable the output with the chosen divider or to disable the output.
The output digital signal is compliant to the Section 5.5. The CLK_OUT pin is also a shared GPIO pin. For details
on connecting CLK_OUT and CLK_OUT interoperability as a GPIO pin , see Section 6.5.1.
The second method does not require a connection from the AFEx82H1 and is a polled-communication-based
method to determine the functionality of the internal oscillator using SPI communication. See Section 6.5.3.1
and Section 6.5.5 for SPI communication details and SDO status bits details, respectively. The OSC_DIV_2 bit
reports the logical value of a subdivided internal oscillator signal (divided by 2) sampled at the CS falling edge.
Use an appropriate SCLK frequency and interval between SPI frames to capture bit changes from frame to
frame as a method of verifying the continued proper operation of the clock. Similar status reports of the logical
value of a subdivided internal oscillator signal (divided by 1024) are available in UBM as the OSC_DIV_1024 bit.
For details on UBM frames and timing, see Section 6.5.4.1.
www.ti.com
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com