Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 32 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 28Page - Texas Instruments AFEX82H1 Datasheet HTML 29Page - Texas Instruments AFEX82H1 Datasheet HTML 30Page - Texas Instruments AFEX82H1 Datasheet HTML 31Page - Texas Instruments AFEX82H1 Datasheet HTML 32Page - Texas Instruments AFEX82H1 Datasheet HTML 33Page - Texas Instruments AFEX82H1 Datasheet HTML 34Page - Texas Instruments AFEX82H1 Datasheet HTML 35Page - Texas Instruments AFEX82H1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 115 page
background image
A minimum of 20 clock cycles is required to perform one conversion. The ADC clock is derived from the internal
oscillator and divided by 16, which gives an ADC clock frequency of 1.2288 MHz / 16 = 76.8 kHz, for a clock
period = 13.02 μs.
Each of the internal nodes has a fixed conversion rate. Pins AIN0 and AIN1 have programmable conversion
rates (see also the ADC_CFG register). Pins AIN0 and AIN1 also have a configurable range. The input range
can be either 0 V to 1.25 V or 0 V to 2.5 V, depending on the ADC_CFG.RANGE bit.
If any ADC configuration bits are changed, the following sequence is recommended:
1. Disable the ADC
2. Wait for ADC_BUSY to go low
3. Change the configuration
4. Restart the conversions
ADC_BUSY can be monitored in the GEN_STATUS register.
If the ADC is configured for direct mode (ADC_CFG.DIRECT_MODE = 1), then after setting the desired
channels to convert, write a 1 to TRIGGER.ADC. This bit is self-cleared when the sequence is finished
converting. This command converts all the selected channels once. To initiate another conversion of the
channels, send another TRIGGER.ADC command.
6.3.2.3 ADC Synchronization
The trigger signal must be generated for the ADC to exit the idle state and start conversions. The ADC trigger is
generated through the TRIGGER.ADC bit. The ADC data registers have the latest available data. Accessing the
data registers does not interfere with the conversion process, and thus provides continuous ADC operation.
In direct-mode, use the GEN_STATUS.ADC_BUSY bit to determine when a direct-mode conversion is complete,
and the ADC has returned to the idle state. Similarly, monitor the TRIGGER.ADC bit to see if the ADC has
returned to the idle state.
6.3.2.4 ADC Offset Calibration
Channel 0 of the CCS pointer is named OFFSET. The OFFSET channel is used to calibrate and improve the
ADC offset performance. Convert the OFFSET channel, and use the result as a calibration for the ADC offset in
subsequent measurements.
This ADC channel samples VREF / 2 and compares this result against 7FFh as a measure of the ADC offset.
The data rate for the ADC measuring this channel is 2560 Hz. The ADC conversion for the OFFSET channel
is subtracted from 7FFh and the resulting value is stored in ADC_OFFSET (28h). The offset can be positive or
negative; therefore, the value is stored in 2’s complement notation.
With the subtraction from 7FFh, ADC_OFFSET is the negative of the offset. This value is subtracted from
conversions of the ADC by default. For direct measurements of the ADC, set ADC_BYP.OFST_BYP_EN to 1 to
enable the offset bypass; see Section 6.3.2.8.
AFE782H1, AFE882H1
SLASF43 – DECEMBER 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AFE782H1 AFE882H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com