Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX82H1 Datasheet(PDF) 112 Page - Texas Instruments

Part # AFEX82H1
Description  AFEx82H1 16-Bit and 14-Bit, Low-Power Digital-to-Analog Converters (DACs) With Internal HART® Modem, Voltage Reference, and Diagnostic ADC for Process Control
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFEX82H1 Datasheet(HTML) 112 Page - Texas Instruments

Back Button AFEX82H1 Datasheet HTML 107Page - Texas Instruments AFEX82H1 Datasheet HTML 108Page - Texas Instruments AFEX82H1 Datasheet HTML 109Page - Texas Instruments AFEX82H1 Datasheet HTML 110Page - Texas Instruments AFEX82H1 Datasheet HTML 111Page - Texas Instruments AFEX82H1 Datasheet HTML 112Page - Texas Instruments AFEX82H1 Datasheet HTML 113Page - Texas Instruments AFEX82H1 Datasheet HTML 114Page - Texas Instruments AFEX82H1 Datasheet HTML 115Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 112 / 115 page
background image
www.ti.com
PACKAGE OUTLINE
4.1
3.9
4.1
3.9
0.7
0.6
0.01
0.00
2X 2.5
20X 0.5
2X 2.5
24X
0.6
0.4
24X
0.3
0.2
(0.2) TYP
24X (0.18)
(0.1) TYP
(0.663)
(0.25)
UQFN - 0.7 mm max height
RRU0024A
PLASTIC QUAD FLATPACK - NO LEAD
4225850/A 04/2020
0.08 C
0.1
C A B
0.05
C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
0.05 C
SEATING PLANE
0.01 C
PIN 1 ID
SYMM
SYMM
1
6
7
12
13
18
19
24
7X (45 X 0.087)
SCALE 3.000
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com