Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELANSC520 Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 18Page - Advanced Micro Devices ELANSC520 Datasheet HTML 19Page - Advanced Micro Devices ELANSC520 Datasheet HTML 20Page - Advanced Micro Devices ELANSC520 Datasheet HTML 21Page - Advanced Micro Devices ELANSC520 Datasheet HTML 22Page - Advanced Micro Devices ELANSC520 Datasheet HTML 23Page - Advanced Micro Devices ELANSC520 Datasheet HTML 24Page - Advanced Micro Devices ELANSC520 Datasheet HTML 25Page - Advanced Micro Devices ELANSC520 Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 440 page
background image
Configuration Register Overview
1-2
Élan™SC520 Microcontroller Register Set Manual
Table 1-1
Memory-Mapped Configuration Region (MMCR) Registers (By Offset)
Register Name
Mnemonic
MMCR Offset Page Number
CPU
00–02h
ÉlanSC520 Microcontroller Revision ID
REVID
00h
page 4-2
Am5x86® CPU Control
CPUCTL
02h
page 4-3
SDRAM Controller
10–28h
SDRAM Control
DRCCTL
10h
page 7-4
SDRAM Timing Control
DRCTMCTL
12h
page 7-4
SDRAM Bank Configuration
DRCCFG
14h
page 7-5
SDRAM Bank 0–3 Ending Address
DRCBENDADR
18h
page 7-7
ECC Control
ECCCTL
20h
page 7-9
ECC Status
ECCSTA
21h
page 7-10
ECC Check Bit Position
ECCCKBPOS
22h
page 7-11
ECC Check Code Test
ECCCKTEST
23h
page 7-12
ECC Single-Bit Error Address
ECCSBADD
24h
page 7-14
ECC Multi-Bit Error Address
ECCMBADD
28h
page 7-15
SDRAM Buffer
40h
SDRAM Buffer Control
DBCTL
40h
page 8-2
ROM/Flash Controller
50–56h
BOOTCS Control
BOOTCSCTL
50h
page 9-2
ROMCS1 Control
ROMCS1CTL
54h
page 9-4
ROMCS2 Control
ROMCS2CTL
56h
page 9-6
PCI Bus Host Bridge
60–6Ch
Host Bridge Control
HBCTL
60h
page 6-3
Host Bridge Target Interrupt Control
HBTGTIRQCTL
62h
page 6-5
Host Bridge Target Interrupt Status
HBTGTIRQSTA
64h
page 6-7
Host Bridge Master Interrupt Control
HBMSTIRQCTL
66h
page 6-9
Host Bridge Master Interrupt Status
HBMSTIRQSTA
68h
page 6-12
Host Bridge Master Interrupt Address
MSTINTADD
6Ch
page 6-14
System Arbitration
70–74h
System Arbiter Control
SYSARBCTL
70h
page 5-2
PCI Bus Arbiter Status
PCIARBSTA
71h
page 5-3
System Arbiter Master Enable
SYSARBMENB
72h
page 5-4
Arbiter Priority Control
ARBPRICTL
74h
page 5-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com