| Electronic Components Datasheet Search |
|
ELANSC520 Datasheet(PDF) 38 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ELANSC520 Datasheet(HTML) 38 Page - Advanced Micro Devices |
|
38 / 440 page ![]() System Address Mapping Registers 2-6 Élan™SC520 Microcontroller Register Set Manual Register Description These registers can be used to map windows of memory address space to SDRAM, ROM, PCI bus, or GP bus; or to map windows of I/O space to the GP bus. These registers are also used to apply noncacheability, write-protect, and nonexecutable attributes to SDRAM and ROM regions. Bit Definitions Bit Name Function 31 –29 TARGET[2 –0] Target of the PARx Window This bit field defines the target (destination) of the PARx window being configured. If no PARx window is enabled (i.e., the TARGET bit field is 000b in all PARx registers), the default memory map for the lower 1 Gbyte address range (00000000h–3FFFFFFFh) is either SDRAM (if enabled) or PCI. Accesses to any external GP bus devices or devices connected to ROMCS1 or ROMCS2 require a PARx window to be enabled and configured to access them. 000 = The window is disabled. All other bits in the PARx register are ignored. 001 = The window targets a GP bus I/O region. This is the only I/O space access possible through a PARx window. All other settings refer to the memory address space. For GP bus windows, the ATTR bit field selects a GP bus chip select. See the programming notes for this register, on page 2-8, for GP-bus I/O address restrictions. 010 = The window targets a GP bus memory region. For GP bus windows, the ATTR bit field selects a GP bus chip select. 011 = The window targets a PCI bus memory region. Only PAR0 and PAR1 support a PCI bus memory region as a target. Define a PCI bus window only when attempting to forward cycles to the PCI bus in the lower 256 Mbyte address range (00000000h to 0FFFFFFFh). 100 = The window targets a BOOTCS region (boot ROM or Flash memory device). The ÉlanSC520 microcontroller forces the BOOTCS signal active at system reset, but the boot code must initialize a PARx register to decode the required space for the ROM. Refer to the Élan™SC520 Microcontroller User’s Manual, order #22004, for details on configuring the boot ROM during system initialization. 101 = The window targets a ROMCS1 region (ROM or Flash memory devices). 110 = The window targets a ROMCS2 region (ROM or Flash memory devices). 111 = The window targets an SDRAM region. A PARx register is not required to access SDRAM. Target an SDRAM region only when applying one of the attributes described in the ATTR bit field. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |