Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELANSC520 Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 78Page - Advanced Micro Devices ELANSC520 Datasheet HTML 79Page - Advanced Micro Devices ELANSC520 Datasheet HTML 80Page - Advanced Micro Devices ELANSC520 Datasheet HTML 81Page - Advanced Micro Devices ELANSC520 Datasheet HTML 82Page - Advanced Micro Devices ELANSC520 Datasheet HTML 83Page - Advanced Micro Devices ELANSC520 Datasheet HTML 84Page - Advanced Micro Devices ELANSC520 Datasheet HTML 85Page - Advanced Micro Devices ELANSC520 Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 440 page
background image
PCI Bus Host Bridge Registers
6-18
Élan™SC520 Microcontroller Register Set Manual
Device/Vendor ID (PCIDEVID)
I/O Address 0CF8h/0CFCh
PCI Index 00h
Register Description
This register contains the PCI configuration header space vendor and device identification for the ÉlanSC520
microcontroller host bridge.
Bit Definitions
Programming Notes
This register (PCIDEVID) is register number 0 in the host bridge-specific PCI configuration space.
31
30
29
28
27
26
25
24
Bit
DEV_ID[15
8]
Reset
00110000
R/W
R
23
22
21
20
19
18
17
16
Bit
DEV_ID[7
0]
Reset
00000000
R/W
R
15
14
13
12
11
10
9
8
Bit
VDR_ID[15
8]
Reset
00010000
R/W
R
7
6
5
4
3
2
1
0
Bit
VDR_ID[7
0]
Reset
00100010
R/W
R
Bit
Name
Function
31
16
DEV_ID[15
0]
Device ID
3000h = This bit field identifies the ÉlanSC520 microcontroller host bridge PCI bus device.
15–0
VDR_ID[15
0]
Vendor ID
1022h = This bit field identifies Advanced Micro Devices, Inc., as the vendor of the
ÉlanSC520 microcontroller host bridge PCI bus device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com