Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELANSC520 Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 54Page - Advanced Micro Devices ELANSC520 Datasheet HTML 55Page - Advanced Micro Devices ELANSC520 Datasheet HTML 56Page - Advanced Micro Devices ELANSC520 Datasheet HTML 57Page - Advanced Micro Devices ELANSC520 Datasheet HTML 58Page - Advanced Micro Devices ELANSC520 Datasheet HTML 59Page - Advanced Micro Devices ELANSC520 Datasheet HTML 60Page - Advanced Micro Devices ELANSC520 Datasheet HTML 61Page - Advanced Micro Devices ELANSC520 Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 440 page
background image
System Arbitration Registers
5-2
Élan™SC520 Microcontroller Register Set Manual
System Arbiter Control (SYSARBCTL)
Memory-Mapped
MMCR Offset 70h
Register Description
This register contains control bits for the CPU bus arbiter and the PCI bus arbiter.
Bit Definitions
Programming Notes
7
6
5
4
3
2
1
0
Bit
Reserved
BUS_
PARK_SEL
CNCR_
MODE_
ENB
GNT_TO_
INT_ENB
Reset
00000000
R/W
RSV
R/W
R/W
R/W
Bit
Name
Function
7–3
Reserved
Reserved
This bit field should be written to 0 for normal system operation.
2
BUS_PARK_
SEL
PCI Bus Arbiter Bus Park
This bit controls which PCI master the PCI bus arbiter parks on when the PCI bus is idle.
0 = Park the PCI bus on the Am5x86 CPU.
1 = Park the PCI bus on the last PCI master that acquired the bus.
This bit must be 0 when operating in nonconcurrent mode.
The BUS_PARK_SEL bit must not be changed except when the PCI bus is currently parked on
the Am5x86 CPU. This is the default state after a system reset. See the Élan™SC520
Microcontroller User’s Manual, order #22004, for information about system arbiter initialization.
1
CNCR_MODE_
ENB
System Arbiter Concurrent Mode Enable
This bit enables the system arbiter to operate in concurrent mode. When operating in
nonconcurrent mode, the BUS_PARK_SEL bit must be configured to park on the Am5x86
CPU.
0 = The system arbiter operates in nonconcurrent mode.
1 = The system arbiter operates in concurrent mode.
The CNCR_MODE_ENB bit must not be changed except during system arbiter initialization
after a system reset. See the
Élan™SC520 Microcontroller User’s Manual, order #22004, for
information about system arbiter initialization.
0
GNT_TO_INT_
ENB
PCI Bus Arbiter Grant Time-Out Interrupt Enable
This bit is used to enable interrupts that are generated when the PCI bus arbiter detects a
grant time-out.
0 = Disable PCI bus arbiter interrupts.
1 = Enable PCI bus arbiter interrupts.
Note that the GNT_TO_STA bit of the PCIARBSTA register (see page 5-3) is set on PCI bus
arbiter grant time-outs regardless of the GNT_TO_INT_ENB bit value.
This interrupt source shares the interrupt controller input used by any host bridge interrupts
enabled in the HBTGTIRQCTL and HBMSTIRQCTL registers (see page 6-5 and page 6-9).
Before the GNT_TO_INT_ENB bit is set, the PCIHOSTMAP register (see page 12-17) must
be configured to route the interrupt to the appropriate interrupt request level and priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com