| Electronic Components Datasheet Search |
|
ELANSC520 Datasheet(PDF) 77 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ELANSC520 Datasheet(HTML) 77 Page - Advanced Micro Devices |
|
77 / 440 page ![]() PCI Bus Host Bridge Registers Élan™SC520 Microcontroller Register Set Manual 6-13 Programming Notes This register is reset by a system reset. The bits in this register are not affected by a PCI bus reset. A PCI bus reset is initiated by setting the PCI_RST bit in the HBCTL register (see page 6-3). 5M_RTRTO_ IRQ_STA Master Retry Time-Out Interrupt Status This bit is set when the master controller retry time-out counter expires. 0 = Master retry time-out has not occurred. 1 = Master retry time-out has occurred. This bit is cleared by writing a 1. This bit operates regardless of the corresponding interrupt enable bit (M_RTRTO_IRQ_ENB in the HBMSTIRQCTL register, see page 6-10). 4 M_TABRT_ IRQ_STA Master Target Abort Interrupt Status This bit is set when a master controller transaction is terminated with a target abort. 0 = Master controller transaction has not been terminated with a target abort. 1 = Master controller transaction has been terminated with a target abort. This bit is cleared by writing a 1. This bit operates regardless of the corresponding interrupt enable bit (M_TABRT_IRQ_ENB in the HBMSTIRQCTL register, see page 6-10). 3 M_MABRT_ IRQ_STA Master Abort Interrupt Status This bit is set when a master controller transaction is terminated with a master abort. 0 = Master controller transaction has not been terminated with a master abort. 1 = Master controller transaction has been terminated with a master abort. This bit is cleared by writing a 1. This bit operates regardless of the corresponding interrupt enable bit (M_MABRT_IRQ_ENB in the HBMSTIRQCTL register, see page 6-10). 2 M_SERR_ IRQ_STA Master System Error Interrupt Status This bit is set when the master controller detects the system error signal asserted. 0 = Master controller has not detected the system error signal asserted. 1 = Master controller has detected the system error signal asserted. This bit is cleared by writing a 1. This bit operates regardless of the corresponding interrupt enable bit (M_SERR_IRQ_ENB in the HBMSTIRQCTL register, see page 6-10). 1 M_RPER_ IRQ_STA Master Received Parity Error Interrupt Status This bit is set when the master controller detects the parity error signal asserted during a master controller write transaction or during the address phase of a master controller read transaction. 0 = Master controller has not detected the parity error signal asserted. 1 = Master controller has detected the parity error signal asserted. This bit is cleared by writing a 1. This bit operates regardless of the corresponding interrupt enable bit (M_RPER_IRQ_ENB in the HBMSTIRQCTL register, see page 6-10). 0 M_DPER_ IRQ_STA Master Detected Parity Error Interrupt Status This bit is set when the master controller detects a parity error during a master controller read transaction. 0 = Master controller has not detected a parity error. 1 = Master controller has detected a parity error. This bit is cleared by writing a 1. This bit operates regardless of the corresponding interrupt enable bit (M_DPER_IRQ_ENB in the HBMSTIRQCTL register, see page 6-10). Bit Name Function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |