| Electronic Components Datasheet Search |
|
ELANSC520 Datasheet(PDF) 15 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ELANSC520 Datasheet(HTML) 15 Page - Advanced Micro Devices |
|
15 / 440 page ![]() Élan™SC520 Microcontroller Register Set Manual xv PREFACE INTRODUCTION ÉLAN™SC520 MICROCONTROLLER The Élan™SC520 microcontroller is a full-featured microcontroller developed for the general embedded market. The ÉlanSC520 microcontroller combines a 32-bit, low-voltage Am5x86® CPU with a complete set of integrated peripherals suitable for both real-time and PC/AT-compatible embedded applications. PURPOSE OF THIS MANUAL This manual includes in reference format the complete set of registers required to configure the ÉlanSC520 microcontroller and control its peripherals. This manual does not document the Am5x86 processor registers. Intended Audience This reference manual is intended primarily for programmers who are developing code for the ÉlanSC520 microcontroller. Computer software and hardware architects and system engineers who are designing or are considering designing systems based on this microcontroller may also be interested in the information contained in this document. For more information on programming this microcontroller, see the Élan™SC520 Microcontroller User’s Manual, order #22004. Overview of this Manual The manual is organized into the following chapters: s Chapter 1 contains an overview of all the microcontroller’s configuration registers. s Chapter 2 describes the system address mapping registers. s Chapter 3 describes the reset generation registers. s Chapter 4 describes the Am5x86 CPU registers. s Chapter 5 describes the system arbitration registers. s Chapter 6 describes the PCI host bridge registers. s Chapter 7 describes the synchronous DRAM (SDRAM) controller registers. s Chapter 8 describes the write buffer and read buffer register. s Chapter 9 describes the ROM/Flash memory controller registers. s Chapter 10 describes the general-purpose (GP) bus controller registers. s Chapter 11 describes the GP bus DMA controller registers. s Chapter 12 describes the programmable interrupt controller (PIC) registers. s Chapter 13 describes the programmable interval timer (PIT) registers. s Chapter 14 describes the general-purpose (GP) timer registers. s Chapter 15 describes the software timer registers. s Chapter 16 describes the watchdog timer (WDT) registers. s Chapter 17 describes the real-time clock (RTC) registers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |