Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELANSC520 Datasheet(PDF) 78 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 78 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 74Page - Advanced Micro Devices ELANSC520 Datasheet HTML 75Page - Advanced Micro Devices ELANSC520 Datasheet HTML 76Page - Advanced Micro Devices ELANSC520 Datasheet HTML 77Page - Advanced Micro Devices ELANSC520 Datasheet HTML 78Page - Advanced Micro Devices ELANSC520 Datasheet HTML 79Page - Advanced Micro Devices ELANSC520 Datasheet HTML 80Page - Advanced Micro Devices ELANSC520 Datasheet HTML 81Page - Advanced Micro Devices ELANSC520 Datasheet HTML 82Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 440 page
background image
PCI Bus Host Bridge Registers
6-14
Élan™SC520 Microcontroller Register Set Manual
Host Bridge Master Interrupt Address (MSTINTADD)
Memory-Mapped
MMCR Offset 6Ch
Register Description
This bit field reports the address of the transaction during which the master controller detected an error condition.
Bit Definitions
Programming Notes
This register is reset by a system reset. The bits in this register are not affected by a PCI bus reset. A PCI bus reset
is initiated by setting the PCI_RST bit in the HBCTL register (see page 6-3).
31
30
29
28
27
26
25
24
Bit
M_AD_IRQ_ID[31
24]
Reset
00000000
R/W
R
23
22
21
20
19
18
17
16
Bit
M_AD_IRQ_ID[23
16]
Reset
00000000
R/W
R
15
14
13
12
11
10
9
8
Bit
M_AD_IRQ_ID[15
8]
Reset
00000000
R/W
R
7
6
5
4
3
2
1
0
Bit
M_AD_IRQ_ID[7
0]
Reset
00000000
R/W
R
Bit
Name
Function
31
0
M_AD_IRQ_ID
[31
0]
Master Address Interrupt Identification
This bit field reports the address of the transaction during which the master controller
detected an error condition. If multiple errors are detected, only the address of the first error is
latched. This bit field is only valid when an interrupt status bit is set. It is cleared when any
interrupt status bit is cleared.
A value of 00000000h means the address was not latched (unless the error happened to
occur at address 00000000h). For example, the address is not latched if multiple interrupts
are pending and one interrupt status was cleared.
When multiple interrupts are pending, there is no indication of which interrupt the address
corresponds to.
The M_CMD_IRQ_ID bit field in the HBMSTIRQSTA register (see page 6-12) contains the
command of the transaction during which the master controller detected an error condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com