Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ELANSC520 Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 19Page - Advanced Micro Devices ELANSC520 Datasheet HTML 20Page - Advanced Micro Devices ELANSC520 Datasheet HTML 21Page - Advanced Micro Devices ELANSC520 Datasheet HTML 22Page - Advanced Micro Devices ELANSC520 Datasheet HTML 23Page - Advanced Micro Devices ELANSC520 Datasheet HTML 24Page - Advanced Micro Devices ELANSC520 Datasheet HTML 25Page - Advanced Micro Devices ELANSC520 Datasheet HTML 26Page - Advanced Micro Devices ELANSC520 Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 440 page
background image
Configuration Register Overview
Élan™SC520 Microcontroller Register Set Manual
1-3
System Address Mapping
80–C4h
Address Decode Control
ADDDECCTL
80h
page 2-2
Write-Protect Violation Status
WPVSTA
82h
page 2-4
Programmable Address Region 0
PAR0
88h
page 2-5
Programmable Address Region 1
PAR1
8Ch
page 2-5
Programmable Address Region 2
PAR2
90h
page 2-5
Programmable Address Region 3
PAR3
94h
page 2-5
Programmable Address Region 4
PAR4
98h
page 2-5
Programmable Address Region 5
PAR5
9Ch
page 2-5
Programmable Address Region 6
PAR6
A0h
page 2-5
Programmable Address Region 7
PAR7
A4h
page 2-5
Programmable Address Region 8
PAR8
A8h
page 2-5
Programmable Address Region 9
PAR9
ACh
page 2-5
Programmable Address Region 10
PAR10
B0h
page 2-5
Programmable Address Region 11
PAR11
B4h
page 2-5
Programmable Address Region 12
PAR12
B8h
page 2-5
Programmable Address Region 13
PAR13
BCh
page 2-5
Programmable Address Region 14
PAR14
C0h
page 2-5
Programmable Address Region 15
PAR15
C4h
page 2-5
GP Bus Controller
C00–C10h
GP Echo Mode
GPECHO
C00h
page 10-2
GP Chip Select Data Width
GPCSDW
C01h
page 10-3
GP Chip Select Qualification
GPCSQUAL
C02h
page 10-5
GP Chip Select Recovery Time
GPCSRT
C08h
page 10-7
GP Chip Select Pulse Width
GPCSPW
C09h
page 10-8
GP Chip Select Offset
GPCSOFF
C0Ah
page 10-9
GP Read Pulse Width
GPRDW
C0Bh
page 10-10
GP Read Offset
GPRDOFF
C0Ch
page 10-11
GP Write Pulse Width
GPWRW
C0Dh
page 10-12
GP Write Offset
GPWROFF
C0Eh
page 10-13
GPALE Pulse Width
GPALEW
C0Fh
page 10-14
GPALE Offset
GPALEOFF
C10h
page 10-15
Table 1-1
Memory-Mapped Configuration Region (MMCR) Registers (By Offset) (Continued)
Register Name
Mnemonic
MMCR Offset Page Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com