| Electronic Components Datasheet Search |
|
ELANSC520 Datasheet(PDF) 16 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
ELANSC520 Datasheet(HTML) 16 Page - Advanced Micro Devices |
|
16 / 440 page ![]() Introduction xvi Élan™SC520 Microcontroller Register Set Manual s Chapter 18 describes the UART registers. s Chapter 19 describes the synchronous serial interface (SSI) registers. s Chapter 20 describes the programmable I/O (PIO) registers. s The Index lists all registers and bits alphabetically by name and mnemonic. Each chapter describes the function’s memory-mapped configuration region (MMCR) registers first, followed by direct-mapped and then indexed register descriptions, if any. Within each chapter, the registers of each type are listed in ascending hexadecimal order unless descriptions for identical registers (for example, direct-mapped UART registers) are combined. RELATED DOCUMENTS The following documents contain additional information that will be useful in designing an embedded application based on the ÉlanSC520 microcontroller. AMD Documentation In addition to this manual, the documentation set for the ÉlanSC520 microcontroller includes the following documents: s Élan™SC520 Microcontroller User’s Manual, order #22004, provides a functional description of the microcontroller for both hardware and software designers. s Élan™SC520 Microcontroller Data Sheet, order #22003, includes complete pin lists, pin state tables, timing and thermal characteristics, and package dimensions for the ÉlanSC520 microcontroller. Other information of interest: s The Am486® Microprocessor Software User’s Manual, order #18497, includes the complete instruction set for the integrated Am5x86 CPU. s Am5x86® Microprocessor Family Data Sheet, order #19751 s Am486®DX/DX2 Microprocessor Hardware Reference Manual, order #17965 s E86™ Family Products and Development Tools CD, order #21058, provides a single- source multimedia tool for customer evaluation of AMD products, as well as FusionE86 partner tools and technologies that support the E86 family. Technical documentation is included on the CD in PDF format. To order literature, contact the nearest AMD sales office or call the literature center at one of the numbers listed on the back cover of this manual. In addition, all these documents are available in PDF form on the AMD web site. To access the AMD home page, go to www.amd.com. Then follow the Embedded Processor link for information about AMD’s E86 family of microcontrollers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |