Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F7X7 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PIC16F7X7 Datasheet

  • Part No.PIC16F7X7
    ManufacturerMICROCHIP
    Size4Mb
    Pages276 pages
    Description28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
    Datasheet Summary with AI

    Okay, I've analyzed the provided text. Here's a summary of the key information it contains, broken down by category.

    1. Product Focus:

    ️· The document pertains to Microchip's PIC16F737 and PIC16F767 microcontrollers, and also briefly refers to the PIC16F747 and PIC16F777.

    2. Pinout Description (for PIC16F737 & PIC16F767):

    The bulk of the provided text is a table describing the pin assignments, I/O types, buffering types, and descriptions of the pins on the PIC16F737 and PIC16F767 microcontrollers. Here are some key takeaways about the pin functions:

    ️· OSC1/CLKI/RA7, OSC2/CLKO/RA6: Oscillator pins, also capable of acting as external clock inputs/outputs.
    ️· MCLR/VPP/RE3: Master Clear input/programming voltage output/reset input.
    ️· RA0-RA7: Port A pins, some with dual functions as analog inputs (ANx) and some having special purpose functionality.
    ️· RB0-RB7: Port B pins, also with dual functions as analog inputs, interrupt input and special function pins like CCP2, CCP3, LVDIN, SS.
    ️· RB6/PGC, RB7/PGD: Pins used for In-Circuit Debugging and ICSP programming.

    3. Key Terminology & Features:

    ️· TTL: Transistor-Transistor Logic - a type of signal level
    ️· ST: Schmitt Trigger – A buffer type that provides improved noise immunity.

    ️· ANx: Analog Input channel
    ️· CCPx: Capture/Compare/PWM module functionality.
    ️· LVDIN: Low Voltage Detect input.
    ️· SS: Slave Select (SPI)
    ️· ICSP: In-Circuit Serial Programming
    ️· SPI: Serial Peripheral Interface

    4. Configuration Notes:

    ️· Pin functionality can be configured through software (e.g., CCP2 pin location is determined by the `CCPMX` bit in Configuration Word Register 1).
    ️· Certain pins have different buffering types depending on their configuration (e.g., Schmitt Trigger vs. CMOS).



    If you have more questions about specific pin functions or configurations, please ask!

    1. Product Focus:

    ️· The document pertains to Microchip's PIC16F737 and PIC16F767 microcontrollers, and also briefly refers to the PIC16F747 and PIC16F777.

    2. Pinout Description (for PIC16F737 & PIC16F767):

    The bulk of the provided text is a table describing the pin assignments, I/O types, buffering types, and descriptions of the pins on the PIC16F737 and PIC16F767 microcontrollers. Here are some key takeaways about the pin functions:

    ️· OSC1/CLKI/RA7, OSC2/CLKO/RA6: Oscillator pins, also capable of acting as external clock inputs/outputs.
    ️· MCLR/VPP/RE3: Master Clear input/programming voltage output/reset input.
    ️· RA0-RA7: Port A pins, some with dual functions as analog inputs (ANx) and some having special purpose functionality.
    ️· RB0-RB7: Port B pins, also with dual functions as analog inputs, interrupt input and special function pins like CCP2, CCP3, LVDIN, SS.
    ️· RB6/PGC, RB7/PGD: Pins used for In-Circuit Debugging and ICSP programming.

    3. Key Terminology & Features:

    ️· TTL: Transistor-Transistor Logic - a type of signal level
    ️· ST: Schmitt Trigger – A buffer type that provides improved noise immunity.
    ️· ANx: Analog Input channel
    ️· CCPx: Capture/Compare/PWM module functionality.
    ️· LVDIN: Low Voltage Detect input.
    ️· SS: Slave Select (SPI)
    ️· ICSP: In-Circuit Serial Programming
    ️· SPI: Serial Peripheral Interface

    4. Configuration Notes:

    ️· Pin functionality can be configured through software (e.g., CCP2 pin location is determined by the `CCPMX` bit in Configuration Word Register 1).
    ️· Certain pins have different buffering types depending on their configuration (e.g., Schmitt Trigger vs. CMOS).

    Part No.PIC16F7X7
    ManufacturerMICROCHIP
    Size4Mb
    Pages276 pages
    Description28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology